PART |
Description |
Maker |
WTN9435 |
Surface Mount P-Channel Enhancement Mode Power MOSF ET
|
Weitron Technology
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
OM6215SS OM6214SS OM6216SS OM6217SS |
30 A, 100 V, 0.065 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE 100V Dual N-Channel MOSFET in a S-6 package 400V Dual N-Channel MOSFET in a S-6 package 500V Dual N-Channel MOSFET in a S-6 package 200V Dual N-Channel MOSFET in a S-6 package
|
List of Unclassifed Manufacturers ETC International Rectifier
|
FDD8426H |
40V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench垄莽 MOSFET N-Channel: 40 V, 12 A, 12 m楼? P-Channel: -40 V, -10 A, 17 m楼? Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40 V, 12 A, 12 mΩ P-Channel: -40 V, -10 A, 17 mΩ
|
Fairchild Semiconductor
|
MAX4518 MAX4518CEE MAX4518CPD MAX4518CSD MAX4518EE |
Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO14 Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers 4-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 32-Bit Digital Signal Controller with RAM 179-BGA MICROSTAR Precision, 4-Channel/Dual 2-Channel,Low-Voltage, CMOS Analog Multiplexers Precision 4-Channel/Dual 2-Channel Low-Voltage CMOS Analog Multiplexers From old datasheet system
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
FQS4900 FQS4900TF |
Dual N & P-Channel/ Logic Level MOSFET Dual N & P-Channel, Logic Level MOSFET Dual N-Channel 60V & P-Channel 300V QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
2SJ109BL 2SJ109V 2SJ109GR |
TRANSISTOR | JFET | P-CHANNEL | DUAL | 6MA I(DSS) | ZIP TRANSISTOR | JFET | P-CHANNEL | DUAL | 10MA I(DSS) | ZIP Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | JFET | P-CHANNEL | DUAL | 6MA I(DSS) | ZIP 晶体管|场效应| P通道|双| 6MA我(直)|邮编 TRANSISTOR | JFET | P-CHANNEL | DUAL | 10MA I(DSS) | ZIP 晶体管|场效应| P通道|双| 10mA的我(直)|邮编
|
Electronic Theatre Controls, Inc. Toshiba, Corp.
|
FDS9958F085 |
-60V Dual P-Channel PowerTrenchMOSFET Dual P-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor
|
FDMC89521L |
60V Dual N-Channel PowerTrenchMOSFET Dual N-Channel PowerTrench? MOSFET 60 V, 8.2 A, 17 mΩ
|
Fairchild Semiconductor
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
|